Part Number Hot Search : 
MAX17067 W25X40L W25X40L RDAT212 2B7226J SGP12A 2030C MJE180
Product Description
Full Text Search
 

To Download 22632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transformer, .005 .01 angle 3 place 2 place 22632 d 1 end page rev part number title specifications agency approval: n/a tolerances unless otherwise noted wayzata, mn 55391 corporation schott 1000 parkers lake road 1. temp class 105 c 2. inductance: @ 10 khz, 0.1 v, (5-8) = 3 mhy 3 % 3. leakage inductance: (5-8) @ 100 khz (1-2-3-4) shorted < 30 hy 4. interwinding capacitance: @ 100 khz (5-8) to (1-2-3-4) < 100 pf 5. dc resistance: (5-8) = 3.20 ohms 10 % (1-2), (3-4) = 1.25 ohms 10 % 6. turns ratio: (1-2) : (3-4) : (5-8) = 1 : 1 : 2 2 % 7. return loss: (1-2-3-4), 135 ohm ref, 128 ohm + 750 pf load on (5-8) @ 5 khz - 2 mhz > 4 db @ 25 khz > 16 db @ 100 - 400 khz > 22 db 8. longitudinal balance: (1-2-3-4) @ 135 ohm 200 khz > 53 db 9. harmonic distortion: 135 ohm, 200 khz, 160 ma dc, 5vp-p > -70 db (do not need to test in production) 10. dielectric strength: 2500 vac (1-2-3-4) to (5-8) 11. insulation resistance: @ 500 vdc > 500 megohm 12. designed for use with brooktree 8920/8952 .780 max (19.81) .780 max (19.81) .640 max (16.26) .197 .010 (5.0) sq. .024 (0.61) .591 .010 (15.0) .150 min (3.81) schott 22632 yyww 1 4 5 8 inches (mm) old p/n 67137860 8 5 2 1 3 4 7 6 ground only one end of shield


▲Up To Search▲   

 
Price & Availability of 22632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X